PART |
Description |
Maker |
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
FFPF30U60S FFPF30U60STU FFPF30U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
SDH20F1 SDH40FS SDH30F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 1 A, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
SCKV30K12F |
High Voltage,High Density,Fast Recovery Rectifier(反向电压30000V,温5℃时平均整流电流0.2A,高压,高密度,快速恢复整流器) 高电压,高密度,快恢复整流(反向电压30000V,温5℃时平均整流电流0.2A,高压,高密度,快速恢复整流器 FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
BYT01-400 BYT01-400RL BYT01-40001 BYT01 |
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible HIGH EFFICIENCY ULTRAFAST DIODE FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
STMicroelectronics ST Microelectronics
|
S15F S20F S25F |
RECTIFIER, up to 2.5kV, 500mA, 300ns Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2000V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压1500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
RU4AM |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
SRGPP3J |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
|
Gulf Semiconductor
|
3RUS4150 3RUS4180 3RUS4120 3RUS2150 3RUS2120 3RUS2 |
HIGH VOLTAGE, HIGH CURRENT ULTRA-FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic devices inc.
|
HVR-1X-3 HVR-1X-4 HVR-1X3 UX-FOB 2CL2F 2CL2G 2CL2H |
High Voltage Power Dioes Standard and Ultra Recovery 高压电源Dioes标准和超恢复 High Voltage Dioes Standard AND Ultra-FAST Recovery 高压Dioes标准和超快恢
|
HV Component ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
AB01B |
High Voltage Fast Recovery Rectifier
|
Sanken electric
|